Part Number Hot Search : 
2N4060 16R400G 2SD2293 8BIJIR5 CMXT2207 B89P8 MCP1407 T74LS573
Product Description
Full Text Search
 

To Download MKP2C021001B00XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  36 08.11 d mechanical tests pull test on pins: 10 n in direction of pins according to iec 60068-2-21 vibration: 6 hours at 10 ... 2000 hz and 0.75 mm displacement amplitude or 10 g in accordance with iec 60068-2-6 low air density: 1kpa = 10 mbar in accordance with iec 60068-2-13 bump test: 4000 bumps at 390 m/sec 2 in accordance with iec 60068-2-29 packing available taped and reeled. detailed taping information and graphs at the end of the catalogue. for further details and graphs please refer to technical information. wima mkp 2 metallized polypropylene (pp) capacitors in pcm 5 mm special features electrical data ? high volume/capacitance ratio ? self-healing ? increased pulse duty from 250 vdc rated voltage ? very low dissipation factor ? negative capacitance change versus temperature ? very low dielectric absorption ? according to rohs 2002/95/ec typical applications for high frequency applications e.g. ? sample and hold ? timing ? oscillating circuits ? high frequency coupling and decoupling construction dielectric: polypropylene (pp) film capacitor electrodes: vacuum-deposited internal construction: plastic film v acuum- deposited electrod e metal contact layer (schoopage) t erminating wire encapsulation: solvent-resistant, flame-retardant plastic case with epoxy resin seal, ul 94 v-0 terminations: tinned wire. marking: colour: red. marking: black. epoxy resin seal: red capacitance range: 1000 pf to 0.33 m f (e12-values on request) rated voltages: 63 vdc, 100 vdc, 250 vdc, 400 vdc, 630 vdc, 1000 vdc capacitance tolerances: 20%, 10%, 5% operating temperature range: C55 + c to +100 + c test specifications: in accordance with iec 60384-16 and en 131 200 climatic test category: 55/085/56 in accordance with iec insulation resistance at +20 + c: ? 3 x 10 4 m ? (mean value: 1 x 10 5 m ? ) measuring voltage: u r = 63 v: u test = 50 v/1 min. u r ? 100 v: u test = 100 v/1 min. test voltage: 1.6 u r , 2 sec. maximum pulse rise time: capacitance max. pulse rise time v/ m sec pf/ m f 63 vdc 100 vdc 250 vdc 400 vdc 630 vdc 1000 vdc 1000 ... 2200 C C C 300 400 500 3300 ... 6800 C C C 300 400 500 0.01 ... 0.022 100 100 250 300 400 500 0.033 ... 0.068 100 100 250 300 400 C 0.1 ... 0.22 100 100 250 C C C 0.33 100 100 250 C C C for pulses equal to the rated voltage dielectric absorption: 0.05 % dissipation factors at +20 + c: tan d at f c ? 0.1 m f 0.1 m f p c ? 0.33 m f 1 khz ? 0.5 x 10 -3 ? 0.5 x 10 -3 10 khz ? 0.8 x 10 -3 ? 0.8 x 10 -3 100 khz ? 3.0 x 10 -3 C voltage derating: a voltage derating factor of 1.35 % per k must be applied from +85 + c for dc voltages and from +75 + c for ac voltages reliability: operational life ? 300 000 hours failure rate p 2 fit (0.5 x u r and 40 + c) this datasheet has been downloaded from http://www.digchip.com at this page http://www..net/
37 08.11 continuation general data wima fkp 4 d wima mkp 2 capacitance 63 vdc/40 vac * 100 vdc/63 vac * w h l pcm** part number w h l pcm** part number 0.01 m f 3 7.5 7.2 5 mkp2c021001b00_ _ _ _ 3 7.5 7.2 5 mkp2d021001b00_ _ _ _ 0.015 ? 3 7.5 7.2 5 mkp2c021501b00_ _ _ _ 3 7.5 7.2 5 mkp2d021501b00_ _ _ _ 0.022 ? 3 7.5 7.2 5 mkp2c022201b00_ _ _ _ 3 7.5 7.2 5 mkp2d022201b00_ _ _ _ 0.033 ? 3 7.5 7.2 5 mkp2c023301b00_ _ _ _ 3 7.5 7.2 5 mkp2d023301b00_ _ _ _ 0.047 ? 3.5 8.5 7.2 5 mkp2c024701c00_ _ _ _ 3.5 8.5 7.2 5 mkp2d024701c00_ _ _ _ 0.068 ? 4.5 9.5 7.2 5 mkp2c026801e00_ _ _ _ 4.5 9.5 7.2 5 mkp2d026801e00_ _ _ _ 0.1 m f 5 10 7.2 5 mkp2c031001f00_ _ _ _ 5 10 7.2 5 mkp2d031001f00_ _ _ _ 0.15 ? 5.5 11.5 7.2 5 mkp2c031501h00_ _ _ _ 5.5 11.5 7.2 5 mkp2d031501h00_ _ _ _ 0.22 ? 7.2 13 7.2 5 mkp2c032201k00_ _ _ _ 7.2 13 7.2 5 mkp2d032201k00_ _ _ _ 0.33 ? 8.5 14 7.2 5 mkp2c033301m00_ _ _ _ 8.5 14 7.2 5 mkp2d033301m00_ _ _ _ capacitance 250 vdc/160 vac * 400 vdc/200 vac * w h l pcm** part number w h l pcm** part number 1000 pf 3 7.5 7.2 5 mkp2g011001b00_ _ _ _ 1500 ? 3 7.5 7.2 5 mkp2g011501b00_ _ _ _ 2200 ? 3 7.5 7.2 5 mkp2g012201b00_ _ _ _ 3300 ? 3 7.5 7.2 5 mkp2g013301b00_ _ _ _ 4700 ? 3 7.5 7.2 5 mkp2g014701b00_ _ _ _ 6800 ? 3 7.5 7.2 5 mkp2g016801b00_ _ _ _ 0.01 m f 3 7.5 7.2 5 mkp2f021001b00_ _ _ _ 3.5 8.5 7.2 5 mkp2g021001c00_ _ _ _ 0.015 ? 3 7.5 7.2 5 mkp2f021501b00_ _ _ _ 3.5 8.5 7.2 5 mkp2g021501c00_ _ _ _ 0.022 ? 3 7.5 7.2 5 mkp2f022201b00_ _ _ _ 4.5 9.5 7.2 5 mkp2g022201e00_ _ _ _ 0.033 ? 3 7.5 7.2 5 mkp2f023301b00_ _ _ _ 5.5 11.5 7.2 5 mkp2g023301h00_ _ _ _ 0.047 ? 3.5 8.5 7.2 5 mkp2f024701c00_ _ _ _ 7.2 13 7.2 5 mkp2g024701k00_ _ _ _ 0.068 ? 4.5 9.5 7.2 5 mkp2f026801e00_ _ _ _ 7.2 13 7.2 5 mkp2g026801k00_ _ _ _ 0.1 m f 5 10 7.2 5 mkp2f031001f00_ _ _ _ 0.15 ? 7.2 13 7.2 5 mkp2f031501k00_ _ _ _ 0.22 ? 7.2 13 7.2 5 mkp2f032201k00_ _ _ _ 0.33 ? 8.5 14 7.2 5 mkp2f033301m00_ _ _ _ * ac voltage: f ? 400 hz; 1.4 x u rms + udc ? u r ** pcm = printed circuit module = pin spacing. dims. in mm. rights reserved to amend design data without prior notification. 5 pc m at the pin exit points ( 0 .5 ) l w h d 6 -2 d = 0.5 l part number completion: tolerance: 20 % = m 10 % = k 5 % = j packing: bulk = s pin length: 6-2 = sd taped version see page 127. continuation page 38 http://www..net/
38 08.11 wima fkp 4 continuation general data d 400 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 10 5 2 10 200 2 u v rms 0.022 f 0.01 f 4700 pf 2200 pf 1000 pf 0.047 f 0.068 f 630 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 250 2 u v rms 0.01 f 0.022 f 0.047 f 1000 pf 2200 pf 4700 pf permissible ac voltage in relation to frequency at 10 ) c internal temperature rise (general guide). 1000 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 250 2 u v rms 0.01 f 1000 pf 2200 pf 4700 pf capacitance 630 vdc/250 vac * 1000 vdc/250 vac * w h l pcm** part number w h l pcm** part number 1000 pf 3 7.5 7.2 5 mkp2j011001b00_ _ _ _ 3 7.5 7.2 5 mkp2o111001b00_ _ _ _ 1500 ? 3 7.5 7.2 5 mkp2j011501b00_ _ _ _ 3 7.5 7.2 5 mkp2o111501b00_ _ _ _ 2200 ? 3 7.5 7.2 5 mkp2j012201b00_ _ _ _ 3 7.5 7.2 5 mkp2o112201b00_ _ _ _ 3300 ? 3 7.5 7.2 5 mkp2j013301b00_ _ _ _ 3.5 8.5 7.2 5 mkp2o113301c00_ _ _ _ 4700 ? 3 7.5 7.2 5 mkp2j014701b00_ _ _ _ 4.5 9.5 7.2 5 mkp2o114701e00_ _ _ _ 6800 ? 3.5 8.5 7.2 5 mkp2j016801c00_ _ _ _ 5 10 7.2 5 mkp2o116801f00_ _ _ _ 0.01 m f 4.5 9.5 7.2 5 mkp2j021001e00_ _ _ _ 7.2 13 7.2 5 mkp2o121001k00_ _ _ _ 0.015 ? 5 10 7.2 5 mkp2j021501f00_ _ _ _ 0.022 ? 5.5 11.5 7.2 5 mkp2j022201h00_ _ _ _ 0.033 ? 7.2 13 7.2 5 mkp2j023301k00_ _ _ _ 0.047 ? 8.5 14 7.2 5 mkp2j024701m00_ _ _ _ * ac voltage: f ? 400 hz; 1.4 x u rms + udc ? u r ** pcm = printed circuit module = pin spacing. dims. in mm. rights reserved to amend design data without prior notification. part number completion: tolerance: 20 % = m 10 % = k 5 % = j packing: bulk = s pin length: 6-2 = sd taped version see page 127. wima mkp 2 http://www..net/
14 08.11 d recommendation for processing and application of through-hole capacitors soldering process a preheating of through-hole wima capacitors is allowed for temperatures t max p 100 c. in practice a preheating duration of t p 5 min. has been proven to be best. single wave soldering soldering bath temperature: t p 260 c immersion time: t p 5 sec double wave soldering soldering bath temperature: t p 260 c immersion time: 2 x t p 3 sec due to different soldering processes and heat requirements the graphs are to be regarded as a recommendation only. 2 s 3 s 30 60 90 120 150 180 210 240 sec] [ t t 260 240 220 200 180 160 140 120 100 80 60 40 20 [c ] 10 s see detail- enlargement w ave soldering typical temperature/time graph for double wave soldering wima quality and environmental philosophy iso 9001:2008 certification iso 9001:2008 is an international basic standard of quality assurance systems for all branches of industry. the approval according to iso 9001:2008 of our factories by the vde inspectorate certifies that organisation, equipment and moni- toring of quality assurance in our factories correspond to internationally recognized standards. wima wpcs the wima process control system (wpcs) is a quality surveillance and optimization system developed by wima. wpcs is a major part of the quality-oriented wima production. points of application of wpcs during production process: incoming material inspection metallization film inspection schoopage pre-healing pin attachment cast resin preparation/ encapsulation 100% final inspection aql check wima environmental policy all wima capacitors, irrespective of whether through-hole devices or smd, are made of environmentally friendly materials. neither during manufacture nor in the product itself any toxic substances are used, e.g. C lead C pbb/pbde C pcb C arsenic C cfc C cadmium C hydrocarbon chloride C mercury C chromium 6+ C etc. we merely use pure, recyclable materials for packing our components, such as: carton cardboard adhesive tape made of paper polystyrene we almost completely refrain from using packing materials such as: foamed polystyrene (styropor?) adhesive tapes made of plastic metal clips rohs compliance according to the rohs directive 2002/95/ec certain hazardous substances like e.g. lead, cadmium, mercury must not be used any longer in electronic equipment as of july 1st, 2006. for the sake of the environment wima has refraind from using such substances since years already. tape for lead-free wima capacitors din en iso 14001:2009 wimas environmental management has been established in accordance with the guidelines of din en iso 14001:2009 to optimize the production processes with regard to energy and resources. http://www..net/
127 08.11 d p p 1 p 0 p 2 f d p p 1 h 1 h p 0 d p 2 f t d 0 w 2 v h w 0 p 1 p 2 p 0 p h 1 h w 1 w d f di agram 1: pc m 2 .5/5/7.5 mm di agra m 3 : p cm 22. 5 a nd 27.5*m m *pcm 27. 5 t aping possibl e w it h t wo feed hole s b etween component s di agram 2: pc m 1 0/1 5 m m dimensions for radial taping designation symbol pcm 2.5 taping pcm 5 taping pcm 7.5 taping pcm 10 taping * pcm 15 taping * pcm 22.5 taping pcm 27.5 taping carrier tape width w 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 hold-down tape width w 0 6.0 for hot-sealing 6.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape hole position w 1 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 hold-down tape position w 2 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. feed hole diameter d 0 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 pitch of component p 12.7 p 1.0 12.7 p 1.0 12.7 p 1.0 25.4 p 1.0 25.4 p 1.0 38.1 p 1.5 3 * 8.1 p 1.5 or 50.8 p 1.5 cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch feed hole pitch p 0 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch feed hole centre p 1 5.1 p 0.5 3.85 p 0.7 2.6 p 0.7 7.7 p 0.7 5.2 p 0.7 7.8 p 0.7 5.3 p 0.7 to pin hole centre to p 2 6.35 p 1.3 6.35 p 1.3 6.35 p 1.3 12.7 p 1.3 12.7 p 1.3 19.05 p 1.3 19.05 p 1.3 component centre feed hole centre to bottom h 16.5 p 0.3 16.5 p 0.3 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 edge of the component 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 feed hole centre to top h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 edge of the component 32.25 max. 32.25 max. 24.5 to 31.5 25.0 to 31.5 26.0 to 37.0 30.0 to 43.0 35.0 to 45.0 pin spacing at f 2.5 p 0.5 5.0 +0.8 7.5 p 0.8 10.0 p 0.8 15 p 0.8 22.5 p 0.8 27.5 p 0.8 upper edge of carrier tape C0.2 pin diameter d 0.4 p 0.05 0.5 p 0.05 ? 0.5 p 0.05 or 0.6 C0.05 ? 0.5 p 0.05 or 0.6 C0.05 0.8 C0.05 0.8 C0.05 0.8 C0.05 component alignment d h p 2.0 max. p 2.0 max. p 3.0 max. p 3.0 max. p 3.0 max. p 3.0 max. p 3.0 max. total tape thickness t 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 roll/ammo ammo package (see also page 128) unit see details page 130. dims in mm. ? diameter of pins see general data. please clarify customer-specific deviations with the manufacturer. * pcm 10 and pcm 15 can be crimped to pcm 7.5. position of components according to pcm 7.5 (sketch 1). p 0 = 12.7 or 15.0 is possible reel p 360 max. b 52 p 2 depending on p 30 p 1 58 p 2 comp. dimensions 52 p 2 54 p 2 depending reel p 360 max. b 58 p 2 or reel p 500 max. b 60 p 2 on pcm and p 30 p 1 66 p 2 p 25 p 1 68 p 2 component dimensions +0.06 +0,06 +0,08 +0,08 +0.08 typical dimensions for taping configuration http://www..net/
129 08.11 d rights reserved to amend design data without prior notification. moulded versions. * tray-packing-system samples and pre-production needs on request. packing quantities for bulk capacitors and tps * pcm size pcs. per packaging unit bulk pcs. per packaging unit/tps* mini standard maxi mini standard w h l codes m s g x y 2.5 mm 2.5 7 4.6 0b 1000 5000 10 000 C C 3 7.5 4.6 0c 1000 5000 10 000 C C 3.8 8.5 4.6 0d 1000 5000 10 000 C C 4.6 9 4.6 0e 1000 5000 10 000 C C 5.5 10 4.6 0f 1000 5000 10 000 C C 5 mm 2.5 6.5 7.2 1a 2000 5000 10 000 C C 3 7.5 7.2 1b 1000 5000 C C C 3.5 8.5 7.2 1c 1000 5000 C C C 4.5 6 7.2 1d 1000 6000 C C C 4.5 9.5 7.2 1e 1000 4000 C C C 5 10 7.2 1f 1000 3500 C C C 5.5 7 7.2 1g 1000 4000 C C C 5.5 11.5 7.2 1h 500 2500 C C C 6.5 8 7.2 1i 1000 2500 C C C 7.2 8.5 7.2 1j 500 2500 C C C 7.2 13 7.2 1k 500 2000 C C C 8.5 10 7.2 1l 500 2000 C C C 8.5 14 7.2 1m 500 1500 C C C 11 16 7.2 1n 250 1000 C C C 7.5 mm 2.5 7 10 2a 1000 5000 C C C 3 8.5 10 2b 1000 5000 C C C 4 9 10 2c 1000 4000 C C C 4.5 9.5 10.3 2d 1000 3500 C C C 5 10.5 10.3 2e 1000 3000 C C C 5.7 12.5 10.3 2f 500 2000 C C C 7.2 12.5 10.3 2g 500 1500 C C C 10 mm 3 9 13 3a 1000 3000 C C C 4 8.5 13.5 fa 500 3000 C C C 4 9 13 3c 1000 3000 C C C 4 9.5 13 3d 1000 3000 C C C 5 10 13.5 fb 500 2000 C C C 5 11 13 3f 1000 3000 C C C 6 12 13 3g 800 2400 C C C 6 12.5 13 3h 800 2400 C C C 8 12 13 3i 500 2000 C C C 15 mm 5 11 18 4b 800 2400 C C C 5 13 19 fc 200 1000 C C 6 12.5 18 4c 500 2000 C C C 6 14 19 fd 250 1000 C C 7 14 18 4d 400 1600 C C C 7 15 19 fe 250 1000 C C 8 15 18 4f 400 1200 C C C 8 17 19 ff 100 500 C C 9 14 18 4h 400 1200 C C C 9 16 18 4j 300 900 C C C 10 18 19 fg 100 500 C C C 11 14 18 4m 300 10 00 C C C 22.5 mm 5 14 26.5 5a 300 12 00 C C C 6 15 26.5 5b 250 100 0 C C C 7 16.5 26.5 5d 190 76 0 C C C 8 20 28 fh 125 500 C C C 8.5 18.5 26.5 5f 125 500 C C C 10 22 28 fi C C C 90 540 10.5 19 26.5 5g C C C 170 680 10.5 20.5 26.5 5h C C C 170 680 11 21 26.5 5i C C C 170 680 12 24 28 fj C C C 75 450 27.5 mm 9 19 31.5 6a C C C 160 640 11 21 31.5 6b C C C 136 544 13 24 31.5 6d C C C 112 448 13 25 33 fk C C C 56 336 15 26 31.5 6f C C C 96 384 15 26 33 fl C C C 48 288 17 29 31.5 6g C C C 88 176 17 34.5 31.5 6i C C C 88 176 20 32 33 fm C C C 36 216 20 39.5 31.5 6j C C C 36 144 37.5 mm 9 19 41.5 7a C C C 60 480 11 22 41.5 7b C C C 51 408 13 24 41.5 7c C C C 84 252 15 26 41.5 7d C C C 72 144 17 29 41.5 7e C C C 66 132 19 32 41.5 7f C C C 54 108 20 39.5 41.5 7g C C C 27 108 24 45.5 41.5 7h C C C 21 84 http://www..net/
130 08.11 d * for 2-inch transport pitches. moulded versions. rights reserved to amend design data without prior notification. samples and pre-production needs 1 packing unit minimum. pcm size roll reel ammo p 360 p 500 340 x 340 490 x 370 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 h16.5 h18.5 w h l codes n o f i h j a c b d 2.5 mm 2.5 7 4.6 0b 2200 2500 C 2800 C 3 7.5 4.6 0c 2000 2300 C 2300 C 3.8 8.5 4.6 0d 1500 1800 C 1800 C 4.6 9 4.6 0e 1200 1500 C 1500 C 5.5 10 4.6 0f 900 1200 C 1200 C 5 mm 2.5 6.5 7.2 1a 2200 2500 C 2800 C 3 7.5 7.2 1b 2000 2300 C 2300 C 3.5 8.5 7.2 1c 1600 2000 C 2000 C 4.5 6 7.2 1d 1300 1500 C 1500 C 4.5 9.5 7.2 1e 1300 1500 C 1500 C 5 10 7.2 1f 1100 1400 C 1400 C 5.5 7 7.2 1g 1000 1200 C 1200 C 5.5 11.5 7.2 1h 1000 1200 C 1200 C 6.5 8 7.2 1i 800 1000 C 1000 C 7.2 8.5 7.2 1j 700 1000 C 1000 C 7.2 13 7.2 1k 700 950 C 1000 C 8.5 10 7.2 1l 600 800 C 800 C 8.5 14 7.2 1m 600 800 C 800 C 11 16 7.2 1n 500 700 C 700 C 7.5 mm 2.5 7 10 2a C 2500 4400 2500 C 3 8.5 10 2b C 2200 4300 2300 4150 4 9 10 2c C 1700 3200 1700 3100 4.5 9.5 10.3 2d C 1500 2900 1400 2800 5 10.5 10.3 2e C 1300 2500 1300 C 5.7 12.5 10.3 2f C 1000 2200 1100 C 7.2 12.5 10.3 2g C 900 1800 1000 C 10 mm 3 9 13 3a C 1100 2200 C 1900 4 8.5 13.5 fa C 900 1600 C 1450 4 9 13 3c C 900 1600 C 1450 4 9.5 13 3d C 900 1600 C 1400 5 10 13.5 fb C 700 1300 C 1200 5 11 13 3f C 700 1300 C 1200 6 12 13 3g C 550 1100 C 1000 6 12.5 13 3h C 550 1100 C 1000 8 12 13 3i C 400 800 C 740 15 mm 5 11 18 4b C 600 1200 C 1150 5 13 19 fc C 600 1200 C 1200 6 12.5 18 4c C 500 1000 C 1000 6 14 19 fd C 500 1000 C 1000 7 14 18 4d C 450 900 C 850 7 15 19 fe C 450 900 C 850 8 15 18 4f C 400 800 C 740 8 17 19 ff C 400 800 C 740 9 14 18 4h C 350 700 C 650 9 16 18 4j C 350 700 C 650 10 18 19 fg C 300 650 C 590 11 14 18 4m C 300 600 C 540 22.5 mm 5 14 26.5 5a C C 800 C 770 6 15 26.5 5b C C 700 C 640 7 16.5 26.5 5d C C 600 C 550 8 20 28 fh C C 500 C 480 8.5 18.5 26.5 5f C C 480 C 450 10 22 28 fi C C 420 C 380 10.5 19 26.5 5g C C 400 C 360 10.5 20.5 26.5 5h C C 400 C 360 11 21 26.5 5i C C 380 C 350 12 24 28 fj C C 350 C 310 27.5 mm 9 19 31.5 6a C C 460/340* C 420 11 21 31.5 6b C C 380/280* C 350 13 24 31.5 6d C C 300 C 290 15 26 31.5 6f C C 270 C 250 packing units for taped capacitors with radial leads http://www..net/
125 08.11 d a wima part number consists of 18 digits and is composed as follows: field 1 - 4: type description field 5 - 6: rated voltage field 7 - 10: capacitance field 11 - 12: size and pcm field 13 - 14: special features (e.g. snubber versions) field 15: capacitance tolerance field 16: packing field 17 - 18: lead length (untaped) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 m k s 2 c 0 2 1 0 0 1 a 0 0 m s s d mks 2 63 vdc 0.01 m f 2.5 ? x ? 6.5 ? x ? 7.2 - 20 ? % bulk 6 -2 wima part number system the data on this page is not complete and serves only to explain the part number system. part number information is listed on the pages of the respective wima range. type description: rated voltage: capacitance: size: tolerance: smd-pet = smdt 2.5 vdc = a1 22 pf = 0022 4.8 x 3.3 x 3 size 1812 = x1 20 % = m smd-pps = smdi 4 vdc = a2 47 pf = 0047 4.8 x 3.3 x 4 size 1812 = x2 10 % = k fkp 02 = fkp0 14 vdc = a3 100 pf = 0100 5.7 x 5.1 x 3.5 size 2220 = y1 5 % = j mks 02 = mks0 28 vdc = a4 150 pf = 0150 5.7 x 5.1 x 4.5 size 2220 = y2 2.5 % = h fks 2 = fks2 40 vdc = a5 220 pf = 0220 7.2 x 6.1 x 3 size 2824 = t1 1 % = e fkp 2 = fkp2 5 vdc = a6 330 pf = 0330 7.2 x 6.1 x 5 size 2824 = t2 ... mks 2 = mks2 50 vdc = b0 470 pf = 0470 10.2 x 7.6 x 5 size 4030 = k1 mkp 2 = mkp2 63 vdc = c0 680 pf = 0680 12.7 x 10.2 x 6 size 5040 = v1 fks 3 = fks3 100 vdc = d0 1000 pf = 1100 15.3 x 13. 7 x 7 size 6054 = q1 packing: fkp 3 = fkp3 160 vdc = e0 1500 pf = 1150 2.5 x 7 x 4.6 pcm 2.5 = 0b ammo h16.5 340 x 340 = a mks 4 = mks4 250 vdc = f0 2200 pf = 1220 3 x 7.5 x 4.6 pcm 2.5 = 0c ammo h16.5 490 x 370 = b mkp 4 = mkp4 400 vdc = g0 3300 pf = 1330 2.5 x 6.5 x 7.2 pcm 5 = 1a ammo h18.5 340 x 340 = c mkp 10 = mkp1 450 vdc = h0 4700 pf = 1470 3 x 7.5 x 7.2 pcm 5 = 1b ammo h18.5 490 x 370 = d fkp 4 = fkp4 600 vdc = i0 6800 pf = 1680 2.5 x 7 x 10 pcm 7.5 = 2a reel h16.5 360 = f fkp 1 = fkp1 630 vdc = j0 0.01 m f = 2100 3 x 8.5 x 10 pcm 7.5 = 2b reel h16.5 500 = h mkp-x2 = mkx2 700 vdc = k0 0.022 m f = 2220 3 x 9 x 13 pcm 10 = 3a reel h18.5 360 = i mkp-x2 r = mkxr 800 vdc = l0 0.047 m f = 2470 4 x 9 x 13 pcm 10 = 3c reel h18.5 500 = j mkp-y2 = mky2 850 vdc = m0 0.1 m f = 3100 5 x 11 x 18 pcm 15 = 4b roll h16.5 = n mp 3-x2 = mpx2 900 vdc = n0 0.22 m f = 3220 6 x 12.5 x 18 pcm 15 = 4c roll h18.5 = o mp 3-x1 = mpx1 1000 vdc = o1 0.47 m f = 3470 5 x 14 x 26.5 pcm 22.5 = 5a blister w12 180 = p mp 3-y2 = mpy2 1100 vdc = p0 1 m f = 4100 6 x 15 x 26.5 pcm 22.5 = 5b blister w12 330 = q mp 3r-y2 = mpry 1200 vdc = q0 2.2 m f = 4220 9 x 19 x 31.5 pcm 27.5 = 6a blister w16 330 = r snubber mkp = snmp 1250 vdc = r0 4.7 m f = 4470 11 x21 x 31.5 pcm 27.5 = 6b blister w24 330 = t snubber fkp = snfp 1500 vdc = s0 10 m f = 5100 9 x 19 x 41.5 pcm 37.5 = 7a bulk mini = m gto mkp = gtom 1600 vdc = t0 22 m f = 5220 11 x 22 x 41.5 pcm 37.5 = 7b bulk standard = s dc-link mkp 4 = dcp4 2000 vdc = u0 47 m f = 5470 94 x 49 x 182 dch_ = h0 bulk maxi = g dc-link mkp 5 = dcp5 2500 vdc = v0 100 m f = 6100 94 x 77 x 182 dch_ = h1 tps mini = x dc-link mkp 6 = dcp6 3000 vdc = w0 220 m f = 6220 ... tps standard = y dc-link hc = dch_ 4000 vdc = x0 1 f = a010 ... supercap c = scsc 6000 vdc = y0 2.5 f = a025 supercap mc = scmc 250 vac = 0w 50 f = a500 special features: supercap r = scsr 275 vac = 1w 100 f = b100 standard = 00 lead length (untaped) supercap mr = scmr 300 vac = 2w 110 f = b110 version a1 = 1a 3.5 0.5 = c9 400 vac = 3w 600 f = b600 version a1.1.1 = 1b 6 -2 = sd 440 vac = 4w 1200 f = c120 version a1.2 = 1c 16 1 = p1 500 vac = 5w ... ... ... ... http://www..net/


▲Up To Search▲   

 
Price & Availability of MKP2C021001B00XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X